Part Number Hot Search : 
CA37NL21 ADE209 ECA0J 74LS157 AS321K THN6702 2SC34 06C10
Product Description
Full Text Search
 

To Download RS-7510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model rs-75-3.3 rs-75-5 rs-75-12 rs-75-15 rs-75-24 rs-75- 48 dc voltage rated current current range rated power ripple & noise (max.) note.2 output voltage adj. range voltage tolerance note.3 line regulation note.4 load regulation note.5 setup, rise time hold up time (typ.) voltage range frequency range efficiency(typ.) ac current (typ.) input inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage 3.3v 5v 12v 15v 24v 48v 15a 12a 6a 5a 3.2a 1.6a 0 ~ 15a 0 ~ 12a 0 ~ 6a 0 ~ 5a 0 ~ 3.2a 0 ~ 1.6a 49.5w 60w 72w 75w 76.8w 76.8w 80mvp-p 80mvp-p 120mvp-p 120mvp-p 120mvp-p 200mvp-p 3v ~ 3.6v 4.75 ~ 5.5v 10.8 ~ 13.2v 13.5 ~ 16.5v 22 ~ 27.6v 42 ~ 54v 3.0% 2.0% 1.0% 1.0% 1.0% 1.0% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 0.5% 2.0% 1.0% 500ms, 30ms/230vac 1200ms, 30ms/115vac at full load 60ms/230vac 14ms/115vac at full load 88 ~ 264vac 125 ~ 373vdc (withstand 300vac surge for 5sec. without damage) 47 ~ 63hz 75% 3.8 ~ 4.45v 5.75 ~ 6.75v 13.8 ~ 16.2v 17.25 ~ 20.25v 27.6 ~ 32.4v 55.2 ~ 64.8v 79% 84.5% 86% 88.5% 89.5% 2a/115vac 1.2a/230vac cold start 40a/230vac <2ma / 240vac 110 ~ 150% rated output power protection type : hiccup mode, recovers automatically after fault con dition is removed ul60950-1, tuv en60950-1 approved compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 -25 ~ +70 (refer to output load derating curve) 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0~50 ) 10 ~ 500hz, 5g 10min./1cycle, period for 60min. each along x, y, z axes 265khrs min. mil-hdbk-217f (25 ) 129*97*38mm (l*w*h) 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. line regulation is measured from low line to high line at rated load. 5. load regulation is measured from 0% to 100% rated load. 6. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. for guidance on how to perform these emc tests, please refer to ?emi testing of c omponent power supplies.? (as available on http://www.meanwell.com) file name:rs-75-spec 2010-10-18 protection type : hiccup mode, recovers automatically after fault co ndition is removed 0.41kg; 30pcs/13.3kg/0.86cuft 75w single output switching power supply universal ac input / full range protections: short circuit / overload / over voltage cooling by free air convection led indicator for power on 100% full load burn-in test all using 105 long life electrolytic capacitors withstand 300vac surge input for 5 second high operating temperature up to 70 withstand 5g vibration test high efficiency, long life and high reliability 3 years warranty no load power consumption<0.5w features : r s - 7 5 s e r i e s withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms / 500vdc / 25 / 70% rh environment emi conduction & radiation safety & emc (note 6) protection compliance to en61000-4-2,3,4,5,6,8,11; env50204, en61000-6 -2 (en50082-2), heavy industry level, criteria a
mechanical specification case no. 903 unit:mm file name:rs-75-spec 2010-10-18 ambient temperature ( ) load (%) -25 -25 00 20 10 30 40 20 40 80 60 100 60 50 70 output derating vs input voltage input voltage (vac) 60hz 88 100 95 120 115 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 others 3.3v,5v (horizontal) derating curve circuit detection o.l.p. emi filter rectifiers & filter power switching filter & rectifiers +v -v i/p fg control o.v.p. block diagram fosc : 60khz terminal pin no. assignment pin no. pin no. 12 4 3 5 assignment assignment dc output -v dc output +v fg ac/l ac/n 5 4 3 2 1 4.5 8.2 9.5 73.5 9 122.5 31 33 98 85.5 3.5 2-m3 129 7 120 6.5 18.5 3.5 3.5 77 32 38 28.5 3.5 3-m3 9.5 18 75w single output switching power supply r s - 7 5 s e r i e s


▲Up To Search▲   

 
Price & Availability of RS-7510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X